PART |
Description |
Maker |
MAX547 MAX547ACMH MAX547ACQH MAX547AEMH MAX547AEQH |
Octal / 13-Bit Voltage-Output DAC with Parallel Interface Octal, 13-Bit Voltage-Output DAC with Parallel Interface OCTAL, PARALLEL, WORD INPUT LOADING, 5 us SETTLING TIME, 13-BIT DAC, PQCC44
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
AD7836 AD7836AS AD7836ASZ AD7836-15 |
LC MOS Quad 14-Bit DAC Quad 14-Bit CMOS DAC on One Monolithic Chip PARALLEL, WORD INPUT LOADING, 16 us SETTLING TIME, 14-BIT DAC, PQFP44 LC2MOS Quad 14-Bit DAC
|
AD[Analog Devices]
|
AD5628BRUZ-1 AD5628BRUZ-2 AD5648BRUZ-2REEL7 |
Octal, 12-14-16 Bit Dac with 10ppm/∑C Max On-Chip Reference in 14-Lead TSSOP SERIAL INPUT LOADING, 2.5 us SETTLING TIME, 12-BIT DAC, PDSO14 Octal, 12-14-16 Bit Dac with 10ppm/?? Max On-Chip Reference in 14-Lead TSSOP Octal, 14-Bit D/A Converter with 5 ppm/°C On-Chip Reference in 14-Lead TSSOP; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX5839 MAX5839ACMH MAX5839AEMH MAX5839BCMH MAX583 |
Octal, 13-Bit Voltage-Output DAC with Parallel Interface Octal / 13-Bit Voltage-Output DAC with Parallel Interface LJT 7C 7#20 PIN PLUG PARALLEL, WORD INPUT LOADING, 22 us SETTLING TIME, 13-BIT DAC, PQFP44
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX543 MAX543ACPA MAX543ACSA MAX543ACWE MAX543AEJA |
CMOS, 12-Bit, Seral-Input Multiplying DAC SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDSO16 Serial, CMOS, Multiplying, 12-Bit DAC in 8-Pin Package SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDIP8 CMOS, 12-Bit, Seral-Input Multiplying DAC SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDIP8 DIODE, SM, TRANS SUP, 17VWM, 600W, 5%, UNI-DIRECT, DO-214AA Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:25-24 RoHS Compliant: No From old datasheet system
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD7545 AD7545AQ AD7545BQ AD7545CQ AD7545GCQ AD7545 |
CMOS 12-Bit Buffered Multiplying DAC CMOS 12-Bit Buffered Multiplying DAC With Onboard Data Latches CMOS 12-Bit Buffered Multiplying DAC PARALLEL, WORD INPUT LOADING, 12-BIT DAC, CDIP20
|
AD[Analog Devices] Analog Devices, Inc.
|
WM2632IDT WM2632 WM2632CDT |
OCTAL 8-BIT, SERIAL INPUT DAC WITH INTERNAL REFERENCE Octal 8-bit, Serial Input, Voltage Output DAC with Internal Rererence BOX 6.88X4.88X1.51 9V BLK 八进位,串行输入,电压输出DAC内部Rererence
|
WOLFSON[Wolfson Microelectronics plc]
|
AD7846KPZ 5962-8969701XA 5962-89697013A AD7846ACHI |
16-Bit Voltage Output CMOS DAC PARALLEL, WORD INPUT LOADING, 7 us SETTLING TIME, 16-BIT DAC, PQCC28 LC2MOS 16-Bit Voltage Output DAC
|
Analog Devices, Inc.
|
AD7840JPZ AD7840SQ/883B AD7840 AD7840-15 AD7840SQ |
LC2MOS Complete 14-Bit DAC Single Chip 12-Bit Data Acquisition Systems; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C SERIAL, PARALLEL, WORD INPUT LOADING, 2.5 us SETTLING TIME, 14-BIT DAC, CDIP24 Complete 14-Bit CMOS DAC SERIAL, PARALLEL, WORD INPUT LOADING, 2.5 us SETTLING TIME, 14-BIT DAC, PQCC28 LC MOS Complete 14-Bit DAC
|
Analog Devices, Inc.
|
AD7533JNZ AD7533KNZ |
CMOS Low Cost, 10-Bit Multiplying DAC; Package: PDIP; No of Pins: 16; Temperature Range: Commercial PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 10-BIT DAC, PDIP16
|
Analog Devices, Inc.
|
ADV101KP80-REEL ADV101-15 |
TRIPLE, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PQCC44 PLASTIC, LCC-44 CMOS 80 MHz, Triple 8-Bit Video DAC
|
Analog Devices, Inc.
|
|